Part Number Hot Search : 
325HS C4054 AP3201A N120B 18F67 LA383X BAV199 NTC10D11
Product Description
Full Text Search
 

To Download 124-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICA CAPACITORS
SERIES Formerly sold as RS Components 124-XXX Series
M
INTRODUCTION SAHA Mica capacitors have been designed to meet the exacting physical, electrical and environmental requirements of the MIL-C-5 and RS-153 specifications. Careful selection of raw materials, starting with the finest available grade of India Ruby Mica, and the constant monitoring of all equipment and processes, provides an overall uniform level of quality consistent with today's most sophisticated electronic equipment. Ideal for Tuning, Timing, Filtering and Coupling Circuits. FEATURES Low loss and high stability Available in very close tolerances Suitable for precision applications Wide range of operating temperature
* * * *
GENERAL SPECIFICATIONS CAPACITANCE RANGE: 2.2 pF to 10,000 pF VOLTAGE RATING: 350 V DC (Higher voltage capacitors can also be custom made) TEMPERATE RATING: - 55 to + 100 C CASE SIZES: M 6 to M 50 INSULATION RESISTANCE: 50,000 M Ohms minimum at 25C for capacitance up to 10,000 pF. DISSIPATION FACTOR: <0.1 at 1 M Hz for values between 100 to 1,000 pF <0.2 at 1K Hz for values above 1,000 pF Please refer to characteristic curve for values above the range. LIFE TEST DETAILS: Capacitors shall withstand 1.5 times the rated DC voltage at 85 C for 2000 hours. After the test: 1. Capacitance change shall not exceed 1% of the initial value or 1 pF, which ever is greater. 2. Dissipation Factor shall be within 1.5 times the original limits. 3. Insulation Resistance shall meet the initial specified requirements. 4. There shall be no remarkable change in the appearance and the marking shall remain legible.
DIMENSIONS: LL = 6.3 mm (0.25") min. Note: Please refer to DM series for Marking details, Temperature coefficient, General technical information and characteristic curves, etc.
TYPE Case Dimensions in Millimeters M M M M 6 12 37 50
CAPACITANCE VALUE in pF 22 - 68 82 - 220 270 - 560 680 - 10000
Lmax. 12.70 16.50 27.00 27.00
Dimensions in Millimeters W max. T max R max. B +1.0mm C +1 mm 8.00 3.60 2.00 8.00 0.50 11.50 3.80 2.50 12.00 0.50 17.00 3.80 3.00 19.50 0.60 22.00 3.80 3.00 19.50 0.60
TYPE Case Dimensions in Inches M M M M 6 12 37 50
CAPACITANCE VALUE in pF 22 - 68 82 - 220 270 - 560 680 - 10000
Lmax. 0.50 0.65 1.06 1.06
W max. 0.31 0.45 0.67 0.87
Dimensions in Inches T max R max. B +0.04" C +0.04" 0.14 0.08 0.31 0.02 0.15 0.10 0.47 0.02 0.15 0.12 0.77 0.02 0.15 0.12 0.77 0.02
Tel: 949-231-2584
Fax: 530-504-9731
SECI Engineers & Buyers Guide M Type Mica -
1


▲Up To Search▲   

 
Price & Availability of 124-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X